PART |
Description |
Maker |
BYT230PIV1000 BYT231PIV1000 |
Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible Ultra low drop-low noise BiCMOS 300 mA volt. reg. for use with very low ESR output capacitor 与独立二极管组成的阵列|的SOT - 227B
|
STMicroelectronics N.V.
|
LD3985M26R LD3985XX122 LD3985J28R LD3985XX29 LD398 |
Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible
|
STMicroelectronics
|
STPS16L45C 8000 STPS16L45CFP STPS16L45CT |
Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) LOW DROP POWER SCHOTTKY RECTIFIER From old datasheet system
|
STMicroelectronics
|
LD2985L-XX-AF5-R |
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP.
|
Unisonic Technologies
|
LD2985L-XX-AF5-R LD2985G-XX-AF5-R |
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP
|
Unisonic Technologies
|
LK112SXX15 LK112SXX16 LK112SXX17 LK112SXX18 LK112S |
LOW NOISE LOW DROP VOLTAGE REGULATOR WITH SHUTDOWN FUNCTION
|
ST Microelectronics
|
LK11 |
LOW NOISE LOW DROP VOLTAGE REGULATOR WITH SHUTDOWN FUNCTION
|
SGS Thomson Microelectronics
|
BYW56 BYW54 BYW55 BYW55/A52R BYW56/A52R BYW54/A52R |
Controlled avalanche rectifiers(?у????宕╂?娴??) SILICON, RECTIFIER DIODE HERMETIC SEALED, GLASS PACKAGE-2 Low noise low drop voltage regulator with shutdown function 可控雪崩二极
|
NXP Semiconductors N.V. TOKO, Inc. PHILIPS[Philips Semiconductors]
|
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MC78PC50NTRG MC78PC18NTRG MC78PC30NTR MC78PC30NTRG |
Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator 150mA, 5.0V Output, Low Drop Out CMOS Linear Voltage Regulator; Pb Free Device; Package: SOT-23 5 LEAD; No of Pins: 5; Container: Tape and Reel; Qty per Container: 3000 5 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PDSO5 150mA, 1.8V, Low Noise Low Drop Out (LDO) Linear Voltage Regulator -Pb Free Device; Package: SOT-23 5 LEAD; No of Pins: 5; Container: Tape and Reel; Qty per Container: 3000 1.8 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PDSO5
|
ON Semiconductor
|
MC78PC18NTR MC78PC30NTR ON1776 MC78PC33NTR MC78PC2 |
From old datasheet system Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5
|
http:// ONSEMI[ON Semiconductor]
|
BYT03-400RL BYT03-400 BYT03-40001 BYT03 |
FAST RECOVERY RECTIFIER DIODE FAST RECOVERY RECTIFIER DIODE HIGH EFFICIENCY ULTRAFAST DIODE Very low drop and low noise voltage regulator with inhibit function, low ESR capacitors compatible
|
ST Microelectronics STMicroelectronics
|